Part Number Hot Search : 
CY14B1 00007 216BAR 74LVTH1 LC7938C WW6004 LQ5AW 1719F
Product Description
Full Text Search
 

To Download VNP5N07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VNP5N07 "omnifet": fully autoprotected power mosfet april 1996 1 2 3 to-220 block diagram type v clamp r ds(on) i lim VNP5N07 70 v 0.2 w 5 a n linear current limitation n thermal shut down n short circuit protection n integrated clamp n low current drawn from input pin n diagnostic feedback through input pin n esd protection n direct access to the gate of the power mosfet (analog driving) n compatible with standard power mosfet n standard to-220 package description the VNP5N07 is a monolithic device made using sgs-thomson vertical intelligent power m0 technology, intended for replacement of standard power mosfets in dc to 50 khz applications. built in thermal shut-down, linear current limitation and overvoltage clamp protect the chip in harsh enviroments. fault feedback can be detected by monitoring the voltage at the input pin. 1/11
absolute maximum rating symbol parameter value unit v ds drain-source voltage (v in = 0) internally clamped v v in input voltage 18 v i d drain current internally limited a i r reverse dc output current -7 a v esd electrostatic discharge (c= 100 pf, r=1.5 k w ) 2000 v p tot total dissipation at t c = 25 o c31w t j operating junction temperature internally limited o c t c case operating temperature internally limited o c t stg storage temperature -55 to 150 o c thermal data r thj-case r thj-amb thermal resistance junction-case max thermal resistance junction-ambient max 4 62.5 o c/w o c/w electrical characteristics (t case = 25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v clamp drain-source clamp voltage i d = 200 ma v in = 0 607080 v v clth drain-source clamp threshold voltage i d = 2 ma v in = 0 55 v v incl input-source reverse clamp voltage i in = -1 ma -1 -0.3 v i dss zero input voltage drain current (v in = 0) v ds = 13 v v in = 0 v ds = 25 v v in = 0 50 200 m a m a i iss supply current from input pin v ds = 0 v v in = 10 v 250 500 m a on ( * ) symbol parameter test conditions min. typ. max. unit v is(th) input threshold voltage v ds = v in i d + i in = 1 ma 0.8 3 v r ds(on) static drain-source on resistance v in = 10 v i d = 2.5 a v in = 5 v i d = 2.5 a 0.200 0.280 w w dynamic symbol parameter test conditions min. typ. max. unit g fs ( * ) forward transconductance v ds = 13 v i d = 2.5 a 3 4 s c oss output capacitance v ds = 13 v f = 1 mhz v in = 0 200 300 pf VNP5N07 2/11
electrical characteristics (continued) switching ( ** ) symbol parameter test conditions min. typ. max. unit t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd = 15 v i d = 2.5 a v gen = 10 v r gen = 10 w (see figure 3) 50 60 150 40 100 100 300 80 ns ns ns ns t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd = 15 v i d = 2.5 a v gen = 10 v r gen = 1000 w (see figure 3) 150 400 3900 1100 250 600 5000 1600 ns ns ns ns (di/dt) on turn-on current slope v dd = 15 v i d = 2.5 a v in = 10 v r gen = 10 w 35 a/ m s q i total input charge v dd = 12 v i d = 2.5 a v in = 10 v 18 nc source drain diode symbol parameter test conditions min. typ. max. unit v sd ( * ) forward on voltage i sd = 2.5 a v in =0 1.6 v t rr ( ** ) q rr ( ** ) i rrm ( ** ) reverse recovery time reverse recovery charge reverse recovery current i sd = 2.5 a di/dt = 100 a/ m s v dd = 30 v t j = 25 o c (see test circuit, figure 5) 150 0.3 5.7 ns m c a protection symbol parameter test conditions min. typ. max. unit i lim drain current limit v in = 10 v v ds = 13 v v in = 5 v v ds = 13 v 3.5 3.5 5 5 7 7 a a t dlim ( ** ) step response current limit v in = 10 v v in = 5 v 15 40 20 60 m s t jsh ( ** ) overtemperature shutdown 150 o c t jrs ( ** ) overtemperature reset 135 o c i gf ( ** ) fault sink current v in = 10 v v ds = 13 v v in = 5 v v ds = 13 v 50 20 ma e as ( ** ) single pulse avalanche energy starting t j = 25 o c v dd = 20 v v in = 10 v r gen = 1 k w l = 30 mh 0.2 j ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ** ) parametes guaranteed by design/characterization VNP5N07 3/11
during normal operation, the input pin is electrically connected to the gate of the internal power mosfet. the device then behaves like a standard power mosfet and can be used as a switch from dc to 50 khz. the only difference from the users standpoint is that a small dc current (i iss ) flows into the input pin in order to supply the internal circuitry. the device integrates: - overvoltage clamp protection: internally set at 70v, along with the rugged avalanche characteristics of the power mosfet stage give this device unrivalled ruggedness and energy handling capability. this feature is mainly important when driving inductive loads. - linear current limiter circuit: limits the drain current id to ilim whatever the input pin voltage. when the current limiter is active, the device operates in the linear region, so power dissipation may exceed the capability of the heatsink. both case and junction temperatures increase, and if this phase lasts long enough, junction temperature may reach the overtemperature threshold t jsh . - overtemperature and short circuit protection: these are based on sensing the chip temperature and are not dependent on the input voltage. the location of the sensing element on the chip in the power stage area ensures fast, accurate detection of the junction temperature. overtemperature cutout occurs at minimum 150 o c. the device is automatically restarted when the chip temperature falls below 135 o c. - status feedback: in the case of an overtemperature fault condition, a status feedback is provided through the input pin. the internal protection circuit disconnects the input f rom the gate and connects it instead to ground via an equivalent resistance of 100 w . the failure can be detected by monitoring the voltage at the input pin, which will be close to ground potential. additional features of this device are esd protection according to the human body model and the ability to be driven from a ttl logic circuit (with a small increase in r ds(on) ). protection features VNP5N07 4/11
thermal impedance output characteristics static drain-source on resistance vs input voltage derating curve transconductance static drain-source on resistance VNP5N07 5/11
static drain-source on resistance capacitance variations normalized on resistance vs temperature input charge vs input voltage normalized input threshold voltage vs temperature normalized on resistance vs temperature VNP5N07 6/11
turn-on current slope turn-off drain-source voltage slope switching time resistive load turn-on current s lope turn-off drain-source voltage slope switching time resistive load VNP5N07 7/11
switching time resistive load step response current limit current limit vs junction temperature source drain diode forward characteristics VNP5N07 8/11
fig. 2: unclamped inductive waveforms fig. 3: switching times test circuits for resistive load fig. 4: input charge test circuit fig. 1: unclamped inductive load test circuits fig. 5: test circuit for inductive load switching and diode recovery times fig. 6: waveforms VNP5N07 9/11
dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c VNP5N07 10/11
information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. no license is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specification s mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously s upplied. sgs-thomson microelectronics products are not authorized for use as critical components in life support devices or systems with out express written approval of sgs-thomson microelectonics. ? 1996 sgs-thomson microelectronics - printed in italy - all rights reserved sgs-thomson microelectronics group of companies australia - brazil - canada - china - france - germany - hong kong - italy - japan - korea - malaysia - malta - morocco - the n etherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a . VNP5N07 11/11


▲Up To Search▲   

 
Price & Availability of VNP5N07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X